PART |
Description |
Maker |
SCC2692 SCC2692_3 SCC2692AE1A44 SCC2692AC1B44 SCC2 |
Dual universal asynchronous receiver/transmitter (DUART锛?????ㄥ?姝ユ??跺?浼???ī Dual universal asynchronous receiver/transmitter (DUART双通用异步接收传送器) Dual asynchronous receiver/transmitter DUART From old datasheet system Dual asynchronous receiver/transmitter (DUART)
|
NXP Semiconductors N.V. Philips Semiconductors
|
SC26C92 SC26C92_4 SC26C92C1N SC26C92C1B SC26C92C1A |
Dual universal asynchronous receiver/transmitter (DUART双通用异步接收传送器) Dual universal asynchronous receiver/transmitter DUART From old datasheet system Dual universal asynchronous receiver/transmitter (DUART)
|
Philips Semiconductors NXP Semiconductors
|
IDT7284L15 IDT7282L15PAI IDT7281L12 IDT7280L12 IDT |
ACB 5C 2#8 3#12 PIN PLUG CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 1K X 9 BI-DIRECTIONAL FIFO, 15 ns, PDSO56 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS双异步FIFO256 × 9,双512 × 9,双1,024 × 9,双2,048 × 9,双4,096 × 9,双8,192 × 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS双异步FIFO56 × 9,双512 × 9,双1,024 × 9,双2,048 × 9,双4,096 × 9,双8,192 × 9 1K x 9 DualAsync FIFO, 5.0V 8K x 9 DualAsync FIFO, 5.0V 256 x 9 DualAsync FIFO, 5.0V 512 x 9 DualAsync FIFO, 5.0V 4K x 9 DualAsync FIFO, 5.0V 2K x 9 DualAsync FIFO, 5.0V
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
IDT70V639S10BFI IDT70V639S15BF IDT70V639S12BFI IDT |
HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM 高.3 128K的18 ASYNCHRONO美国双端口静态RAM HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM 128K X 18 DUAL-PORT SRAM, 15 ns, PBGA208 HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM 128K X 18 DUAL-PORT SRAM, 12 ns, PBGA208 HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM 128K X 18 DUAL-PORT SRAM, 12 ns, PQFP128
|
Integrated Device Technology, Inc.
|
74LS247PC 74LS279PC 74LS393PC 74LS365PC 74LS290PC |
S-R-Type Latch Asynchronous Up/Down Counter Asynchronous Up Counter 2-Bit/4-Bit Buffer/Driver Octal D-Type Flip-Flop Dual 4-Bit Non-Inverting Buffer/Driver Single 8-bit Bus Transceiver 6-Bit Buffer/Driver Dual 4-input NAND Gate Quad 2-input Exclusive NOR (XNOR) Gate 输入异或非(异或非) Decoder/Driver 解码驱动 Successive-Approximation Register 逐次逼近寄存
|
Rochester Electronics, LLC
|
AT27C2048 AT27C2048-12 AT27C2048-12JC AT27C2048-12 |
2-Megabit 128K x 16 OTP EPROM 128K X 16 OTPROM, 120 ns, PDIP40 12-Bit Asynchronous Binary Counter 16-TSSOP -40 to 85 128K X 16 OTPROM, 70 ns, PDIP40 12-Bit Asynchronous Binary Counter 16-TSSOP -40 to 85 128K X 16 OTPROM, 70 ns, PDSO40 2-Megabit 128K x 16 OTP EPROM 128K X 16 OTPROM, 120 ns, PQCC44 Enhanced Product 12-Bit Asynchronous Binary Counter 16-TSSOP -55 to 125 12-Bit Asynchronous Binary Counter 16-VQFN -40 to 85 12-Bit Asynchronous Binary Counter 16-SSOP -40 to 85 12-Bit Asynchronous Binary Counter 16-TVSOP -40 to 85 12-Bit Asynchronous Binary Counter 16-PDIP -40 to 85 12-Bit Asynchronous Binary Counter 16-SOIC -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
Z8470 |
Dual Asynchronous Receiver / Transmitter
|
ST Microelectronics
|
CY7C006AV-25AXC |
3.3 V 8 K / 16 K 8 Asynchronous Dual-Port Static RAM
|
Cypress
|
MC68HC2681 |
Dual Universal Asynchronous Receiver/transmitter
|
Motorola Semiconductor
|
SCC68692 SCC68692C1A44 SCC68692C1F40 SCC68692C1N40 |
Dual asynchronous receiver/transmitter DUART
|
PHILIPS[Philips Semiconductors]
|
CY7C144AV-25AXC |
3.3 V 8 K / 16 K × 8 Asynchronous Dual-Port Static RAM
|
Cypress Semiconductor
|
XR68C92 XR68C192 XR68C192CJ XR68C192CP XR68C192CV |
DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
|
EXAR[Exar Corporation]
|